PART |
Description |
Maker |
P3916 |
SDSL/SHDSL Transformer
|
ETAL Group
|
S560-6600-HG |
G.SHDSL Magnetics TELECOM TRANSFORMER
|
Bel Fuse, Inc.
|
0560-6600-EJ |
G.SHDSL Magnetics
|
Bel Fuse Inc.
|
S560-6600-EZ |
G.SHDSL Magnetics
|
Bel Fuse Inc.
|
BX1196L |
SHDSL LINE TRANSFORMERS For use with Infineon Chipset
|
Pulse A Technitrol Company
|
S560-6600-DJ |
SHDSL, HDSL2 & HDSL4 Magnetics GlobespanVirata G2237
|
Bel Fuse Inc.
|
Z2647 Z2633 Z2617 Z2615 Z2630 Z2618 Z2620 Z2645 Z2 |
128MB DDR SDRAM SODIMM TRANSFORMER 18VA 2X 18V TRANSFORMER 10VA 2X 12V TRANSFORMER 10VA 2X 6V TRANSFORMER 18VA 2X 9V TRANSFORMER 10VA 2X 15V 64MB SDRAM SODIMM TRANSFORMER 30VA 2X 15V
|
|
80T-1.9 D80T-.9 D24-12 D68-11 12-12 |
POWER TRANSFORMER, 150 VA POWER TRANSFORMER, 75 VA POWER TRANSFORMER, 300 VA POWER TRANSFORMER, 750 VA
|
|
Y8844-AL Z9260-AL |
NOT RoHS. Transformer, for ON NCP1200, 3.5W (add 'L' for compliant version) 3.5 W, SMPS TRANSFORMER Transformer, for ON NCP1200, 70W, RoHS 67 W, SMPS TRANSFORMER
|
Coilcraft, Inc.
|
DA2034-AL DA2033-AL DA2032-AL DA2034-ALD DA2032-AL |
Flyback Transformers Transformer, for LT3750, 10A, SMT, RoHS SMPS TRANSFORMER Transformer, for LT3750, 3A, SMT, RoHS SMPS TRANSFORMER
|
Coilcraft lnc. Coilcraft, Inc.
|
|